Part Number Hot Search : 
2SK33 KTLP160J BCM7315 C128IS UL2054 20000 AN260 TPC13A
Product Description
Full Text Search
 

To Download USW1E220MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
SW
7mmL, For Audio Equipment
series
Acoustic series, with 7mm height. Adapted to the RoHS directive (2002/95/EC).
SW
Smaller
MW
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
Performance Characteristics
- 40 ~ +85C 6.3 ~ 50V 0.1 ~ 220F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A) , whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.24
10 0.20 6.3 4 8
16 0.16 10 3 6 16 2 4
25 0.14 25 2 4
35 0.12 35 2 3
50 0.10 50 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Impedance ratio Z- 25C / Z + 20C ZT / Z20 (MAX.) Z- 40C / Z + 20C
Endurance
After 1000 hours' application of rated voltage at 85C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with black color letter on gold sleeve.
Radial Lead Type
Sleeve (P.E.T.) +0.5MAX.
B
Type numbering system (Example : 10V 33F)
d
U SW 1 A 3 3 0 M DD
P 0.5
1 2 3 4 5 6 7 8 9 10 11 Configuration Capacitance tolerance (20%) Rated Capacitance (33F) Rated voltage (10V) Series name Type
BD
L+1MAX.
15MIN
4MIN
BD
4 5 6.3 P 1.5 2.0 2.5 Bd 0.45 0.45 0.45
(mm)
Configuration Pb-free leadwire BD Pb-free PET sleeve 4 ~ 6.3 DD
16 1C 25 1E 35 1V
Dimensions
V Cap.(F) Code
6.3 0J
10 1A
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221
4x 7 4x 7 4x 7 5x 7 6.3 x 7
34 40 48 78 120
4x 7 4x 7 5x 7 6.3 x 7
35 43 59 87
4x 4x 5x 5x 6.3 x
7 7 7 7 7
28 39 55 65 98
4x 7 5x 7 5x 7 6.3 x 7
28 48 58 71
4x 4x 5x 6.3 x
7 7 7 7
24 31 52 65
50 1H 4x 7 4x 7 4x 7 4x 7 4x 7 4x 7 4x 7 4x 7 5x 7 6.3 x 7
1.0 2.3 3.5 5.0 10 19 24 29 38 58
Case size D x L (mm)
Rated ripple
Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50Hz 0.70 120Hz 1.00 300Hz 1.17 1kHz 1.36 10kHz~ 1.50
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of USW1E220MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X